Part Number Hot Search : 
4412FNH EM274209 PKG00 68HC908Q TDA7365 PES12MDS PS2010R AK4458VN
Product Description
Full Text Search
 

To Download SDG5521C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SDG5521C n-ch: 5a, 20v, r ds(on) 58 m ? p-ch: -4.7a, -20v, r ds(on) 77 m ? n & p-ch enhancement mode power mosfet 03-may-2013 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free description these miniature surface mount mosfets utilize a high cell density trench process to provide low r ds(on) and to ensure minimal power loss and heat dissipation. typical applications are dc-dc converters and power management in portable and battery-powered products such as computers, printers, pcmcia cards, cellular and cordless telephones. features  low r ds(on) provides higher efficiency and extends battery lif e.  low thermal impedance copper leadframe dfn2*3 saves board space.  fast switching speed.  high performance trench technology. package information package mpq leader size dfn2*3 3k 13 inch absolute maximum ratings (t a =25 c unless otherwise specified) rating parameter symbol n-ch p-ch unit drain-source voltage v ds 20 -20 v gate-source voltage v gs 8 8 v t a = 25c 5 -4.7 a continuous drain current 1 t a = 70c i d 4.1 -3.9 a pulsed drain current 2 i dm 8 -8 a continuous source current (diode conduction) 1 i s 4.5 -4.5 a t a = 25c 2.1 w total power dissipation 1 t a = 70c p d 1.3 w operating junction & storage temperature range t j , t stg -55 ~ 150 c thermal resistance ratings t Q 10 sec 62.5 c / w maximum junction-to-ambient 1 steady state r ja 80 c / w notes: 1 surface mounted on 1 x 1 fr4 board. 2 pulse width limited by maximum junction temperatu re. dfn2*3 millimeter millimeter ref. min. max. ref. min. max. a 3.00 bsc. f 0.24 0.35 b 1.70 bsc. g 2.00 bsc. c 0.70 0.90 h 0.20 0.40 d 0.65 bsc. i 0 0.15 e 0.08 0.25 top view
elektronische bauelemente SDG5521C n-ch: 5a, 20v, r ds(on) 58 m ? p-ch: -4.7a, -20v, r ds(on) 77 m ? n & p-ch enhancement mode power mosfet 03-may-2013 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a =25 c unless otherwise specified) parameter symbol ch min. typ. max. unit teat conditions static n 1 - - v ds =v gs , i d =250 a gate threshold voltage v gs(th) p -1 - - v v ds =v gs , i d = -250 a n - - 100 v ds =0, v gs =8v gate-body leakage i gss p - - -100 a v ds =0, v gs = -8v n - - 1 v ds =16v, v gs =0 p - - -1 v ds = -16v, v gs =0 n - - 10 v ds =16v, v gs =0, t j =55c zero gate voltage drain current i dss p - - -10 a v ds = -16v, v gs =0, t j =55c n 5 - - v ds =5v, v gs =4.5v on-state drain current 1 i d(on) p -5 - - a v ds = -5v, v gs = -4.5v - - 58 v gs =4.5v, i d =1a n - - 64 v gs =2.5v, i d =1a - - 77 v gs = -4.5v, i d = -1a drain-source on-resistance 1 r ds(on) p - - 85 m  v gs = -2.5v, i d = -1a n - 10 v ds =5v, i d =1a forward tranconductance 1 g fs p - 5 s v ds = -5v, i d = -1a n - 0.8 - v gs =0, i s =1a diode forward voltage 1 v sd p - -0.83 - v v gs =0, i s = -1a dynamic 2 n - 2 - total gate charge q g p - 7 - n - 0.4 - gate-source charge q gs p - 1 - n - 0.7 - gate-drain charge q gd p - 2 - nc n-channel i d =1a, v ds =15v, v gs =4.5v p-channel i d = -1a, v ds = -15v, v gs = -4.5v n - 6 - turn-on delay time t d(on) p - 10 - n - 9 - rise time t r p - 1 - n - 5 - turn-off delay time t d(off) p - 11 - n - 16 - fall time t f p - 12 - ns n-channel v dd =15v, v gen =4.5v i d =1a, r gen =15  p-channel v dd = -15v, v gen = -4.5v i d =1a, r gen =15  notes: 1. pulse test pw Q 300 s duty cycle Q 2%. 2. guaranteed by design, not subject to production testing.


▲Up To Search▲   

 
Price & Availability of SDG5521C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X